Part Number Hot Search : 
24C08 B140110 4DFT2 DA471 CM431 KA3843A GRM188R7 TDA3048
Product Description
Full Text Search
 

To Download FR607-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
FR601 - FR607
Pb
6.0A FAST RECOVERY DIODE
Features
! ! ! ! ! Diffused Junction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: R-6, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 2.1 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 D
R-6 Dim Min Max 25.4 -- A 8.60 9.10 B 1.20 1.30 C 8.60 9.10 D All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range @IF = 6.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
FR601
FR602
FR603
FR604
FR605
FR606
FR607
Unit
50 35
100 70
200 140
400 280 6.0
600 420
800 560
1000 700
V V A
IFSM VFM IRM trr Cj Tj TSTG 150
200 1.2 10 200 250 100 -65 to +125 -65 to +150 500
A V A nS pF C C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
FR601 - FR607
1 of 4
(c) 2006 Won-Top Electronics
IFsm, PEAK FORWARD SURGE CURRENT (A)
8 I(AV), AVERAGE FORWARD CURRENT
350
8.3ms Single Half Sine-Wave JEDEC Method
300 250
6
4
200 150
2
100 0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 2 Max Non-Repetitive Peak Surge Current
1000
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Typical Forward Current Derating Curve
IF, INSTANTANEOUS FORWARD CURRENT (A) 1000
Cj, CAPACITANCE (pF)
TJ = 25C Pulse Width = 300s 1% Duty Cycle
100
100
10
10
1
0.1 0.6 0.8 1.0 1.2 1.4
1.6
1.8
2.0
1.0 1.0 10
Tj = 25C f = 1.0MHz
100
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 3, Typical Instantaneous Forward Characteristics
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive)
10 NI
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
FR601 - FR607
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
10mm
FR60x WTE
Cathode FR60x x WTE
= Polarity Band = Device Number = 1, 2, 3, 4, 5, 6 or 7 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & REEL
BULK
330mm
50mm 210mm
85mm
Product ID Label
805mm
Packaging TAPE & REEL BULK
Reel Diameter / Box Size (mm) 330 210 x 85 x 50
Quantity (PCS) 800 250
Carton Size (mm) 370 x 370 x 420 500 x 255 x 275
Quantity (PCS) 4,000 7,000
Approx. Gross Weight (KG) 12.0 17.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
FR601 - FR607
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
FR601-T3 FR601 FR602-T3 FR602 FR603-T3 FR603 FR604-T3 FR604 FR605-T3 FR605 FR606-T3 FR606 FR607-T3 FR607
1. 2. 3.
Package Type
R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6 R-6
Shipping Quantity
800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box 800/Tape & Reel 250 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, FR601-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
FR601 - FR607
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of FR607-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X